Part Number Hot Search : 
11001 2N1800 MS3022 32SERIES 10BQ060 82559 TA200816 P21014
Product Description
Full Text Search
 

To Download BR86 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
BR805 THRU BR810
SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
FEATURES
* * * * Surge overload rating: 125 amperes peak Low forward voltage drop Mounting position: Any Mounting: Hole thru for # 6 screw
MECHANICAL DATA
* UL listed the recognized component directory, file #E94233 * Epoxy: Device has UL flammability classification 94V-O
.296 (7.5) .255 (6.5)
BR-8
.042 (1.1) DIA. .039 (1.0) TYP.
.75 MIN. (19.1)
.770 (19.6) .730 (18.5)
HOLE FOR NO. 6 SCREW
AC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
.520 (13.2) .480 (12.2)
o
AC
.520 (13.2) .480 (12.2) .770 (19.6) .730 (18.5)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage
o Maximum Average Forward Tc = 50 C Rectified Output Current at: Tc = 100 oC o TA = 50 C
SYMBOL VRRM VRMS VDC IO
BR805 50 35 50
BR81 100 70 100
BR82 200 140 200
BR84 400 280 400 8.0 6.0 6.0
BR86 600 420 600
BR88 800 560 800
BR810 1000 700 1000
UNITS Volts Volts Volts Amps
Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Operating Temperature Range Storage Temperature Range
IFSM TJ TSTG
125 -55 to + 125 -55 to + 150
Amps
0 0
C C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Forward Voltage Drop per element at 4.0A DC Maximum Reverse Current at Rated DC Blocking Voltage per element @TA = 25 oC @TC = 100 oC SYMBOL VF IR 0.2 mAmps 2001-5 BR805 BR81 BR82 BR84 1.1 10 BR86 BR88 BR810 UNITS Volts uAmps
RATING AND CHARACTERISTIC CURVES ( BR805 THRU BR810 )
FIG. 1 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
PEAK FORWARD SURGE CURRENT, (A)
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
250
8.3ms Single Half Sine-Wave (JEDEC Method)
AVERAGE FORWARD CURRENT, (A)
10 8
CAS E
200
150
6
AM BI
100
4
EN
T
50
2 0
Single Phase Half Wave 60Hz Indutive or Resistive Load
0 1 2 4 6 8 10 20 40 6080100 NUMBER OF CYCLES AT 60Hz
0
50 100 CASE TEMPERATURE, (
150 )
FIG. 3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT, (A)
10
TJ = 25 Pulse Width = 300us 1% Duty Cycle
INSTANTANEOUS REVERSE CURRENT, (uA)
100
10
1.0
1.0
TJ = 25
.1
.1
.01 .6 .7 .8 .9 1.0 1.1 1.2 1.3
INSTANTANEOUS FORWARD VOLTAGE, (V)
.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
RECTRON


▲Up To Search▲   

 
Price & Availability of BR86

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X